Part Number Hot Search : 
B1203 RFM8N18 MTE8081N ADR5045 MS322 AD679AJ LM39300 107004
Product Description
Full Text Search
 

To Download MC74ACT646 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74AC646, MC74ACT646 Octal Transceiver/Register with 3-State Outputs (Non-inverting)
The MC74AC646/74ACT646 consist of registered bus transceiver circuits, with outputs, D-type flip-flops and control circuitry providing multiplexed transmission of data directly from the input bus or from the internal storage registers. Data on the A or B bus will be loaded into the respective registers on the LOW-to-HIGH transition of the appropriate clock pin (CAB or CBA). The four fundamental data handling functions available are illustrated Figures 1 to 4.
http://onsemi.com
PDIP-24 N SUFFIX CASE 724 24 1 SO-24 DW SUFFIX CASE 751E 1
* * * * * * *
Independent Registers for A and B Buses Multiplexed Real-Time and Stored Data Transfers Choice of True and Inverting Data Paths 3-State Outputs 300 mil Slim Dual In-Line Package Outputs Source/Sink 24 mA ACT646 Has TTL Compatible Inputs
REAL TIME TRANSFER A BUS TO B BUS A BUS REG B BUS REG REG B BUS REAL TIME TRANSFER B BUS TO A BUS A BUS REG
24
MARKING DIAGRAMS
PDIP-24 MC74AC646N AWLYYWW MC74ACT646N AWLYYWW
SO-24 AC646 AWLYYWW
Figure 1.
Figure 2.
STORAGE FROM BUS TO REGISTER A BUS REG B BUS REG
TRANSFER FROM REGISTER TO BUS A BUS REG B BUS REG
ACT646 AWLYYWW
A = Assembly Location L, WL = Wafer Lot Y, YY = Year W, WW = Work Week
ORDERING INFORMATION
Device MC74AC646N MC74ACT646N MC74AC646DW MC74AC646DWR2 MC74ACT646DW MC74ACT646DWR2 Package PDIP-24 PDIP-24 SOIC-24 SOIC-24 SOIC-24 SOIC-24 Shipping 15 Units/Rail 15 Units/Rail 30 Units/Rail 1000 Tape & Reel 30 Units/Rail 1000 Tape & Reel
Figure 3.
Figure 4.
(c) Semiconductor Components Industries, LLC, 2001
1
May, 2001 - Rev. 5
Publication Order Number: MC74AC646/D
MC74AC646, MC74ACT646
VCC CBA SBA 24 23 22 G 21 B0 20 B1 19 B2 18 B3 17 B4 16 B5 15 B6 14 B7 13
PIN ASSIGNMENT
PIN A0-A7 B0-B7 CAB, CBA SAB, SBA DIR, G FUNCTION Data Register Inputs Data Register A Outputs Data Register B Inputs Data Register B Outputs Clock Pulse Inputs Transmit/Receive Inputs Output Enable Inputs
1
2
3
4 A0
5 A1
6 A2
7 A3
8 A4
9 A5
10 A6
11 A7
12 GND
CAB SAB DIR
Figure 5. Pinout: 24-Lead Packages Conductors (Top View)
CAB A0 A1 A2 A3 A4 A5 A6 A7 SAB DIR CBA SBA G B0 B1 B2 B3 B4 B5 B6 B7
Figure 6. Logic Symbol
G DIR CBA SBA CAB SAB
1 OF 8 CHANNELS
D0 C0
A0
B0 D0 C0
TO 7 OTHER CHANNELS NOTE: This diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Figure 7. Logic Diagram
http://onsemi.com
2
MC74AC646, MC74ACT646
FUNCTION TABLE
Inputs G H H L L L L DIR X X L L H H CAB H or L X X X H or L CBA H or L X X X X SAB X X X X L H SBA X X L H X X A0-A7 Input Output Input Data I/O* Operation or Function F nction B0-B7 Input Input Output Isolation Store A and B Data Real Time B Data to A Bus Stored B Data to A Bus Real Time A Data to B Bus Stored A Data to B Bus
*The data output functions may be enabled or disabled by various signals at the G and DIR inputs. Data input functions are always enabled; i.e., data at the bus pins will be stored on every LOW-to-HIGH transition of the appropriate clock inputs. NOTE: H = HIGH Voltage Level; L = LOW Voltage Level; X = Immaterial; = LOW-to-HIGH Transition
MAXIMUM RATINGS*
Symbol VCC Vin Vout Iin Iout ICC Tstg Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Sink/Source Current, per Pin DC VCC or GND Current per Output Pin Storage Temperature Value -0.5 to +7.0 -0.5 to VCC +0.5 -0.5 to VCC +0.5 20 50 50 -65 to +150 Unit V V V mA mA mA C
*Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC Vin, Vout Supply Voltage DC Input Voltage, Output Voltage (Ref. to GND) VCC @ 3.0 V tr, tf Input Rise and Fall Time (Note 1) AC Devices except Schmitt Inputs VCC @ 4.5 V VCC @ 5.5 V tr, tf TJ TA IOH IOL In ut Input Rise and Fall Time (Note 2) ACT Devices except Schmitt Inputs Junction Temperature (PDIP) Operating Ambient Temperature Range Output Current - High Output Current - Low VCC @ 4.5 V VCC @ 5.5 V Parameter AC ACT Min 2.0 4.5 0 - - - - - - -40 - - Typ 5.0 5.0 - 150 40 25 10 8.0 - 25 - - Max 6.0 5.5 VCC - - - - ns/V - 140 85 -24 24 C C mA mA ns/V V V Unit
1. Vin from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times. 2. Vin from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.
http://onsemi.com
3
MC74AC646, MC74ACT646
DC CHARACTERISTICS
74AC Symbol Parameter VCC (V) TA = +25C Typ VIH Minimum High Level g Input Voltage Maximum Low Level Input Voltage Minimum High Level g Output Voltage 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 VOL Maximum Low Level Output Voltage 3.0 4.5 5.5 3.0 4.5 5.5 IIN IOZT Maximum Input Leakage Current Maximum 3-State Current C Minimum Dynamic Output C O t t Current t Maximum Q Quiescent Supply Current 5.5 55 1.5 2.25 2.75 1.5 2.25 2.75 2.99 4.49 5.49 - - - 0.002 0.001 0.001 - - - - 74AC TA = -40C to +85C Unit Conditions
Guaranteed Limits 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.56 3.86 4.86 0.1 0.1 0.1 0.36 0.36 0.36 0.1 0 1 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.46 3.76 4.76 0.1 0.1 0.1 0.44 0.44 0.44 1.0 1 0 V VOUT = 0.1 V or VCC - 0.1 V VOUT = 0.1 V or VCC - 0.1 V IOUT = -50 A V *VIN = VIL or VIH -12 mA IOH -24 mA -24 mA IOUT = 50 A V *VIN = VIL or VIH 12 mA IOL 24 mA 24 mA VI = VCC, GND VI (OE) = VIL, VIH VI = VCC, GND VO = VCC, GND VOLD = 1.65 V Max VOHD = 3.85 V Min VIN = VCC or GND
VIL
V
VOH
V
V
A
5.5 5.5 5.5 5.5 55
- - - -
0.6 - - 8.0 80
6.0 75 -75 80
A mA mA A
IOLD IOHD ICC
*All outputs loaded; thresholds on input associated with output under test. Maximum test duration 2.0 ms, one output loaded at a time. NOTE: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.
http://onsemi.com
4
MC74AC646, MC74ACT646
AC CHARACTERISTICS (For Figures and Waveforms - See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
74AC Symbol Parameter VCC* (V) Min tPLH tPHL tPLH tPHL Propagation Delay Clock to Bus Propagation Delay Clock to Bus Propagation Delay Bus to Bus Propagation Delay Bus to Bus Propagation Delay SBA or SAB to An or Bn (w/An or Bn HIGH or LOW) Propagation Delay SBA or SAB to An or Bn (w/An or Bn HIGH or LOW) Enable Time G to An or Bn Enable Time G to An or Bn Disable Time G to An or Bn Disable Time G to An or Bn Enable Time DIR to An or Bn Enable Time DIR to An or Bn Disable Time DIR to An or Bn Disable Time DIR to An or Bn 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 33 5.0 3.3 33 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 4.0 2.5 3.0 2.0 2.5 1.5 1.5 1.5 2.0 20 1.5 1.5 15 1.5 2.5 1.5 2.5 1.5 3.0 2.0 2.0 1.5 2.0 1.5 2.5 1.5 2.5 1.5 1.5 1.5 TA = +25C CL = 50 pF Typ 10.5 7.5 9.5 6.5 7.5 5.0 7.5 5.0 8.5 85 6.0 8.5 85 6.0 7.0 5.0 7.5 5.5 8.0 6.5 7.5 6.0 6.5 5.0 7.0 5.0 7.5 5.5 7.5 5.5 Max 16.5 12 14.5 10.5 12 8.0 12.5 9.0 13.5 13 5 10 13.5 13 5 10 11.5 8.5 12.5 9.0 12.5 10 12 9.5 11 7.5 11.5 8.0 11.5 9.5 12 9.5 74AC TA = -40C to +85C CL = 50 pF Min 3.0 2.0 2.5 1.5 2.0 1.0 1.5 1.0 1.5 15 1.5 1.5 15 1.5 2.0 1.5 2.0 1.5 2.5 2.0 2.0 1.5 1.5 1.0 2.0 1.0 1.5 1.5 1.5 1.5 Max 18.5 13 16 11.5 13.5 9.0 13.5 9.5 15.5 15 5 11 15 11 12.5 9.0 14 10 13.5 11 13.5 10.5 12 8.5 13 9.0 12.5 10 13.5 10.5 ns ns ns ns 3-6 3-6 3-5 3-5 Unit Fig. No.
tPLH
ns
3-6
tPHL
ns
3-6
tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ
ns ns ns ns ns ns ns ns
3-7 3-8 3-7 3-8 3-7 3-8 3-7 3-8
*Voltage Range 3.3 V is 3.3 V 0.3 V. Voltage Range 5.0 V is 5.0 V 0.5 V.
http://onsemi.com
5
MC74AC646, MC74ACT646
AC OPERATING REQUIREMENTS
74AC Symbol Parameter VCC* (V) Typ ts th tw Setup Time, HIGH or LOW Bus to Clock Hold Time, HIGH or LOW Bus to Clock Clock Pulse Width HIGH or LOW 3.3 5.0 3.3 5.0 3.3 5.0 2.0 1.5 -1.5 -0.5 2.0 2.0 TA = +25C CL = 50 pF 74AC TA = -40C to +85C CL = 50 pF Unit Fig. No.
Guaranteed Minimum 5.0 4.0 0 0.5 3.5 3.5 5.5 4.5 0 1.0 4.5 3.5 ns ns ns 3-9 3-9 3-6
*Voltage Range 3.3 V is 3.3 V 0.3 V. Voltage Range 5.0 V is 5.0 V 0.5 V.
DC CHARACTERISTICS
74ACT Symbol Parameter VCC (V) TA = +25C Typ VIH VIL VOH Minimum High Level g Input Voltage Maximum Low Level Input Voltage Minimum High Level g Output Voltage 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Maximum Low Level Output Voltage 4.5 5.5 4.5 5.5 IIN ICCT IOZT Maximum Input Leakage Current Additional Max. ICC/Input Maximum 3-State Current C Minimum Dynamic Output C O t t Current t Maximum Q Quiescent Supply Current 5.5 55 5.5 5.5 5.5 5.5 5.5 55 1.5 1.5 1.5 1.5 4.49 5.49 - - 0.001 0.001 - - - 0.6 - - - - 74ACT TA = -40C to +85C Unit Conditions
Guaranteed Limits 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36 0.1 0 1 - 0.6 - - 8.0 80 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1.0 1 0 1.5 6.0 75 -75 80 V V V VOUT = 0.1 V or VCC - 0.1 V VOUT = 0.1 V or VCC - 0.1 V IOUT = -50 A *VIN = VIL or VIH -24 mA IOH -24 mA IOUT = 50 A *VIN = VIL or VIH 24 mA IOL 24 mA VI = VCC, GND VI = VCC - 2.1 V VI (OE) = VIL, VIH VI = VCC, GND VO = VCC, GND VOLD = 1.65 V Max VOHD = 3.85 V Min VIN = VCC or GND
V
V
V
A mA A mA mA A
IOLD IOHD ICC
*All outputs loaded; thresholds on input associated with output under test. Maximum test duration 2.0 ms, one output loaded at a time.
http://onsemi.com
6
MC74AC646, MC74ACT646
AC CHARACTERISTICS (For Figures and Waveforms - See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
74ACT Symbol Parameter VCC* (V) Min tPLH tPHL tPLH tPHL tPLH Pro agation Propagation Delay Clock to Bus Pro agation Propagation Delay Clock to Bus Pro agation Propagation Delay Bus to Bus Pro agation Propagation Delay Bus to Bus Propagation Delay SBA or SAB to An or Bn (w/An or Bn HIGH or LOW) Propagation Delay SBA or SAB to An or Bn (w/An or Bn HIGH or LOW) 5.0 50 5.0 50 5.0 50 5.0 50 3.5 35 4.0 40 3.0 30 2.5 25 TA = +25C CL = 50 pF Typ 12.0 12 0 12.0 12 0 8.5 85 8.5 85 Max 14.5 14 5 14.5 14 5 11.0 11 0 11.0 11 0 74ACT TA = -40C to +85C CL = 50 pF Min 3.0 30 3.5 35 2.5 25 2.0 20 Max 16.0 16 0 16.0 16 0 12.0 12 0 12.0 12 0 ns ns ns ns 3-6 3-6 3-5 3-5 Unit Fig. No.
5.0 50
3.0 30
9.5 95
12.0 12 0
2.5 25
13.0 13 0
ns
3-6
tPHL tPZH
5.0 50
3.0 30
9.5 95
12.0 12 0
2.5 25
13.0 13 0
ns
3-6
Enable Time G to An or Bn Enable Time tPZL G to An or Bn Disable Time tPHZ G to An or Bn Disable Time tPLZ G to An or Bn Enable Time tPZH DIR to An or Bn Enable Time tPZL DIR to An or Bn Disable Time tPHZ DIR to An or Bn Disable Time tPLZ DIR to An or Bn *Voltage Range 5.0 V is 5.0 V 0.5 V.
5.0 50 5.0 50 5.0 50 5.0 50 5.0 50 5.0 50 5.0 50 5.0 50
2.0 20 3.5 35 5.0 50 3.5 35 2.0 20 3.5 35 5.0 50 3.5 35
9.0 90 9.0 90 10.5 10 5 10.0 10 0 6.5 65 6.5 65 8.5 85 8.5 85
11.0 11 0 11.0 11 0 13.0 13 0 12.5 12 5 12.5 12 5 12.5 12 5 12.5 12 5 12.5 12 5
1.5 15 3.0 30 4.5 45 3.0 30 1.5 15 3.0 30 4.5 45 3.0 30
12.0 12 0 12.0 12 0 14.5 14 5 14.0 14 0 13.5 13 5 13.5 13 5 13.5 13 5 13.5 13 5
ns ns ns ns ns ns ns ns
3-7 3-8 3-7 3-8 3-7 3-8 3-7 3-8
http://onsemi.com
7
MC74AC646, MC74ACT646
AC OPERATING REQUIREMENTS
74ACT Symbol Parameter VCC* (V) Typ ts th tw Setu Setup Time, HIGH or LOW Bus to Clock Hold Time, HIGH or LOW Bus to Clock Clock Pulse Width HIGH or LOW 5.0 50 5.0 50 5.0 50 - - - TA = +25C CL = 50 pF 74ACT TA = -40C to +85C CL = 50 pF Unit Fig. No.
Guaranteed Minimum 7.0 70 2.5 25 7.0 70 8.0 80 2.5 25 8.0 80 ns ns ns 3-9 3-9 3-6
*Voltage Range 5.0 V is 5.0 V 0.5 V.
CAPACITANCE
Symbol CIN CI/O CPD Input Capacitance Input/Output Capacitance Power Dissipation Capacitance Parameter Value Typ 4.5 15 60 Unit pF pF pF Test Conditions VCC = 5.0 V VCC = 5.0 V VCC = 5.0 V
http://onsemi.com
8
MC74AC646, MC74ACT646
PACKAGE DIMENSIONS
PDIP-24 N SUFFIX 24 PIN PLASTIC DIP PACKAGE CASE 724-03 ISSUE D
-A-
24 1 13 NOTES: 1. CHAMFERED CONTOUR OPTIONAL. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 4. CONTROLLING DIMENSION: INCH.
-B-
12
C -T-
SEATING PLANE
L
K E G F D
24 PL
NOTE 1
N J 0.25 (0.010)
M 24 PL
M 0.25 (0.010) TA
M M
TB
M
DIM A B C D E F G J K L M N
INCHES MIN MAX 1.230 1.265 0.250 0.270 0.145 0.175 0.015 0.020 0.050 BSC 0.040 0.060 0.100 BSC 0.007 0.012 0.110 0.140 0.300 BSC 0_ 15_ 0.020 0.040
MILLIMETERS MIN MAX 31.25 32.13 6.35 6.85 3.69 4.44 0.38 0.51 1.27 BSC 1.02 1.52 2.54 BSC 0.18 0.30 2.80 3.55 7.62 BSC 0_ 15_ 0.51 1.01
SO-24 DW SUFFIX 24 PIN PLASTIC SOIC PACKAGE CASE 751E-04 ISSUE E
-A-
24 13 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 15.25 15.54 7.40 7.60 2.35 2.65 0.35 0.49 0.41 0.90 1.27 BSC 0.23 0.32 0.13 0.29 0_ 8_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.601 0.612 0.292 0.299 0.093 0.104 0.014 0.019 0.016 0.035 0.050 BSC 0.009 0.013 0.005 0.011 0_ 8_ 0.395 0.415 0.010 0.029
-B-
12X
P 0.010 (0.25)
M
B
M
1
12
24X
D 0.010 (0.25)
M
J TA
S
B
S
F R C -T-
SEATING PLANE X 45 _
M
22X
G
K
http://onsemi.com
9
MC74AC646, MC74ACT646
Notes
http://onsemi.com
10
MC74AC646, MC74ACT646
Notes
http://onsemi.com
11
MC74AC646, MC74ACT646
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
12
MC74AC646/D


▲Up To Search▲   

 
Price & Availability of MC74ACT646

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X